PART |
Description |
Maker |
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
2N3804 2N4985 2N1650 2N2632 |
SILICON UNIDIRECTIONAL SWITCH|8.2V V(BO) MAX|300UA I(S)|TO-18 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 3A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一(c)|个STR - 10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 50MA I(C) | TO-71 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 50mA的一(c)|1
|
Mitsubishi Electric, Corp. Powerex, Inc.
|
AP1149 AP1148 2N6590 2N6589 2N6585 2N6587 AP1003 A |
TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 15A I(C) | TO-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 15A I(C) | TO-3 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 350V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 450V五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | PNP | 450V V(BR)CEO | 15A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 15A I(C) | TO-3
|
Cypress Semiconductor, Corp.
|
ACY11 ACY14 ACY17 ACY18 ACY19 AC117 AC130 AC126 AC |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 500MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1.2A I(C) | TO-1 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 500mA的一(c)| TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 200MA I(C) 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 200mA的我(丙
|
Electronic Theatre Controls, Inc. IDEC, Corp.
|
BDX14S |
Bipolar PNP Device in a Hermetically sealed TO66 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 4A I(C) | TO-213AA
|
Seme LAB
|
2SB1094 2SB1094L 2SB1094M |
Silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIER TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | SOT-186 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC Corp.
|
2SB1572 2SB1572HY |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 3A条一(c)|43 PNP SILICON EPITAXIAL TRANSISTOR
|
NEC, Corp. NEC[NEC]
|
2SA1069-Z 2SA1069-S 2SA1069A-S 2SA1069A-Z 2SA10691 |
5 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB MP-25, 3 PIN TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-220AB Silicon transistor
|
NEC
|
2N2670 2N1758 2N1756 2N2283 2N1218 2N1334 2N2067 2 |
TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 3A I(C) | TO-210VAR10 Open-Drain SOT µP Reset Circuit 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 3A I(C) | MS-7 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 3A I(C) | TO-13
|
|
ECG396 ECG397 ECG395 ECG471 |
TRANSISTOR | BJT | NPN | 350V V(BR)CEO | 1A I(C) | TO-39 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 1A I(C) | TO-39 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-72 晶体管|晶体管|进步党| 25V的五(巴西)总裁| 50mA的一(c)|2 TRANSISTOR | BJT | NPN | 36V V(BR)CEO | 15A I(C) | SOT-121
|
Cypress Semiconductor, Corp.
|